전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM632X 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM632X
상세설명  5-pin supervisor with watchdog timer and push-button reset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM632X 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM632X Datasheet HTML 23Page - STMicroelectronics STM632X Datasheet HTML 24Page - STMicroelectronics STM632X Datasheet HTML 25Page - STMicroelectronics STM632X Datasheet HTML 26Page - STMicroelectronics STM632X Datasheet HTML 27Page - STMicroelectronics STM632X Datasheet HTML 28Page - STMicroelectronics STM632X Datasheet HTML 29Page - STMicroelectronics STM632X Datasheet HTML 30Page - STMicroelectronics STM632X Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID11110 Rev 13
29/31
STM632x, STM682x
Part numbering
30
STM6824SWY6F
2.930
200
5CD or 5CDx
STM6824RWY6F
2.630
200
5CE or 5CEx
STM6825LWY6F
4.630
200
5CG or 5CGx
STM6825MWY6F
4.390
200
5CH or 5CHx
STM6825TWY6F
3.080
200
5CJ or 5CJx
STM6825SWY6F
2.930
200
5CK or 5CKx
STM6825RWY6F
2.630
200
5CL or 5CLx
1. Where “x” = assembly work week (A to Z), such that “A” = WW01-02, “B” = WW03-04, and so forth.
Table 10. Marking description (continued)
Part number
Reset threshold (V)
Reset pulse width (ms)
Topside marking(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31