전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM6823 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STM6823
상세설명  5-pin supervisor with watchdog timer and push-button reset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823 데이터시트(HTML) 5 Page - STMicroelectronics

  STM6823 Datasheet HTML 1Page - STMicroelectronics STM6823 Datasheet HTML 2Page - STMicroelectronics STM6823 Datasheet HTML 3Page - STMicroelectronics STM6823 Datasheet HTML 4Page - STMicroelectronics STM6823 Datasheet HTML 5Page - STMicroelectronics STM6823 Datasheet HTML 6Page - STMicroelectronics STM6823 Datasheet HTML 7Page - STMicroelectronics STM6823 Datasheet HTML 8Page - STMicroelectronics STM6823 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DocID11110 Rev 13
5/31
STM632x, STM682x
Description
30
1
Description
The STM6xxx supervisors are self-contained devices which provide microprocessor
supervisory functions. A precision voltage reference and comparator monitors the VCC input
for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output
(RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer
(except for STM6322/6825) and/or a push-button (MR) reset input.
These devices are available in a standard 5-pin SOT23 package.
Figure 1. Logic diagram (STM6821/6822/6823)
1. For STM6821 only.
Figure 2. Logic diagram (STM6321/6322/6824/6825)
1. For STM6321/6824.
Table 2. Signal names
Name
Function
MR
Push-button reset input
WDI
Watchdog input
RST
Active low reset output
RST
Active high reset output
VCC
Supply voltage
VSS
Ground
AI09128
VCC
STM6XXX
VSS
RST (RST)(1)
WDI
MR
AI09129
VCC
STM6XXX
VSS
RST
RST
(WDI)
(1) MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31