| 전자부품 데이터시트 검색엔진 |
|
STNRGPF01TR 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF01TR 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 40 page ![]() Electrical characteristics STNRGPF01 34/40 DocID030377 Rev 2 5.5.2 Static latch-up Two complementary static tests are required on 10 parts to assess the latch-up performance. A supply overvoltage (applied to each power supply pin) and a current injection (applied to each input, output and configurable I/O pin) are performed on each sample. This test conforms to the EIA/JESD78 IC latch-up standard. Table 17. Electrical sensitivity Symbol Parameter Conditions Level LU Static latch-up class TA = 105 °C A |