| 전자부품 데이터시트 검색엔진 |
|
STM6710LWB6F 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6710LWB6F 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() Functional description STM6700, STM6710 4/20 DocID16887 Rev 3 2 Functional description Figure 1. Functional block diagram 1. The STM6700 and STM6710Q are powered via the V2IN input which is the supply voltage. When this pin is VCC, the input is not monitored. Figure 2. Logic diagram 1. Open drain V1IN V2IN / VCC STM6700 V4IN RESET (1) STM6710 AM04617v1 V3IN |