전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS40L45CG 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPS40L45CG
상세설명  Low drop power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45CG 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPS40L45CG Datasheet HTML 2Page - STMicroelectronics STPS40L45CG Datasheet HTML 3Page - STMicroelectronics STPS40L45CG Datasheet HTML 4Page - STMicroelectronics STPS40L45CG Datasheet HTML 5Page - STMicroelectronics STPS40L45CG Datasheet HTML 6Page - STMicroelectronics STPS40L45CG Datasheet HTML 7Page - STMicroelectronics STPS40L45CG Datasheet HTML 8Page - STMicroelectronics STPS40L45CG Datasheet HTML 9Page - STMicroelectronics STPS40L45CG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package Information
STPS40L45C
6/11
DocID6857 Rev 5
Table 5. TO-220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27 typ.
0.05 typ.
E
10
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.094
0.107
L13
14
0.51
0.55
L1
3.50
3.93
0.137
0.154
L20
16.40 typ.
0.64 typ.
L30
28.90 typ.
1.13 typ.
P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11