| 전자부품 데이터시트 검색엔진 |
|
TNETV2685FIBZUT5 데이터시트(PDF) 183 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUT5 데이터시트(HTML) 183 Page - Texas Instruments |
|
183 / 191 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372H – MAY 2007 – REVISED APRIL 2012 7 Mechanical Data The following table(s) show the thermal resistance characteristics for the ZUT mechanical package. 7.1 Thermal Data for ZUT Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZUT] °C/W(1) AIR FLOW (m/s)(2) R ΘJC R ΘJC Junction-to-case 1.7 N/A R ΘJB R ΘJB Junction-to-board 8.6 N/A R ΘJA R ΘJA Junction-to-free air 17.2 0.0 13.7 1.0 12.4 2.0 11.5 3.0 ψJT ψJT Junction-to-package top 0.6 0.0 0.6 1.0 0.6 2.0 0.7 3.0 ψiJB ψJB Junction-to-board 8.4 0.0 7.4 1.0 7.0 2.0 6.7 3.0 (1) The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements (2) m/s = meters per second Copyright © 2007–2012, Texas Instruments Incorporated Mechanical Data 183 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |