전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5441APGF 데이터시트(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320VC5441APGF
상세설명  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF 데이터시트(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 28Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 29Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 30Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 31Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 32Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 33Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 34Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 35Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Functional Overview
32
December 1999 − Revised October 2008
SPRS122F
Page 0
Data Memory
Page 1
Program Memory
MPCD0
MPCD1
Page 2
Page 3
0000h
8000h
FFFFh
Page 0
MPDC
MDC0
Page 1
MDC1
Reserved
McBSP DXR/DRR MMRegs only
: Remapped areas
MPDC
MPDC
MPDC
MPDC
MPDC
MPCD0
MPCD1
0020h
0060h
NOTES: A. MPDC: local program/data memory in subsystem C
B. MDC: local data memory in subsystem C
C. MPCD: two-way shared program memory in subsystems C and D
Figure 3−10. Subsystem C Local DMA Memory Map
Page 0
Data Memory
Page 1
Page 2
Page 3
0000h
8000h
FFFFh
Page 0
MPDD
MDD0
Page 1
MDD1
Reserved
McBSP DXR/DRR MMRegs only
MPCD2
MPCD3
MPDD
MPDD
MPDD
MPDD
MPDD
0020h
0060h
MPCD2
MPCD3
: Remapped areas
Program Memory
NOTES: A. MPDD: local program/data memory in subsystem D
B. MDD: local data memory in subsystem D
C. MPCD: two-way shared program memory in subsystems C and D
Figure 3−11. Subsystem D Local DMA Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com