전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH15AC06C 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STTH15AC06C
상세설명  Low reverse recovery current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06C 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STTH15AC06C Datasheet HTML 3Page - STMicroelectronics STTH15AC06C Datasheet HTML 4Page - STMicroelectronics STTH15AC06C Datasheet HTML 5Page - STMicroelectronics STTH15AC06C Datasheet HTML 6Page - STMicroelectronics STTH15AC06C Datasheet HTML 7Page - STMicroelectronics STTH15AC06C Datasheet HTML 8Page - STMicroelectronics STTH15AC06C Datasheet HTML 9Page - STMicroelectronics STTH15AC06C Datasheet HTML 10Page - STMicroelectronics STTH15AC06C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DocID024884 Rev 1
7/11
STTH15AC06C
Package information
Table 6. TO220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27 typ
0.05 typ.
E
10
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.094
0.107
L
13
14
0.51
0.55
L1
3.50
3.93
0.137
0.154
L20
16.40 typ
0.64 typ.
L30
28.90 typ
1.13 typ.
∅P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11