전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW20NM65N 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STW20NM65N
상세설명  Low gate input resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NM65N 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STW20NM65N Datasheet HTML 9Page - STMicroelectronics STW20NM65N Datasheet HTML 10Page - STMicroelectronics STW20NM65N Datasheet HTML 11Page - STMicroelectronics STW20NM65N Datasheet HTML 12Page - STMicroelectronics STW20NM65N Datasheet HTML 13Page - STMicroelectronics STW20NM65N Datasheet HTML 14Page - STMicroelectronics STW20NM65N Datasheet HTML 15Page - STMicroelectronics STW20NM65N Datasheet HTML 16Page - STMicroelectronics STW20NM65N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB20NM65N-STI20NM65N-STF20NM65N-STP20NM65N-STW20NM65N Package mechanical data
13/18
DIM.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c
0.49
0.70
0.019
0.027
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
E
10
10.40
0.393
0.410
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L2
1.27
1.40
0.050
0.055
TO-262 (I2PAK) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18