전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP30C 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 TIP30C
상세설명  Low voltage PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP30C 데이터시트(HTML) 6 Page - STMicroelectronics

  TIP30C Datasheet HTML 1Page - STMicroelectronics TIP30C Datasheet HTML 2Page - STMicroelectronics TIP30C Datasheet HTML 3Page - STMicroelectronics TIP30C Datasheet HTML 4Page - STMicroelectronics TIP30C Datasheet HTML 5Page - STMicroelectronics TIP30C Datasheet HTML 6Page - STMicroelectronics TIP30C Datasheet HTML 7Page - STMicroelectronics TIP30C Datasheet HTML 8Page - STMicroelectronics TIP30C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
TIP30C
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9