전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A5974AD 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 A5974AD
상세설명  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 6Page - STMicroelectronics A5974AD Datasheet HTML 7Page - STMicroelectronics A5974AD Datasheet HTML 8Page - STMicroelectronics A5974AD Datasheet HTML 9Page - STMicroelectronics A5974AD Datasheet HTML 10Page - STMicroelectronics A5974AD Datasheet HTML 11Page - STMicroelectronics A5974AD Datasheet HTML 12Page - STMicroelectronics A5974AD Datasheet HTML 13Page - STMicroelectronics A5974AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Datasheet parameters over the temperature range
A5974AD
10/49
Doc ID 018762 Rev 1
4
Datasheet parameters over the temperature range
100% of the population in the production flow is tested at three different ambient
temperatures (-40
°C, +25 °C, and +125 °C) to guarantee the datasheet parameters inside
the junction temperature range (-40
°C, +125 °C).
The device operation is guaranteed when the junction temperature is inside the (-40
°C;
+150
°C) temperature range. The user can estimate the silicon temperature increase with
respect to the ambient temperature evaluating the internal power losses generated during
device operation (please refer to Section 2.2).
However, the embedded thermal protection disables the switching activity to protect the
device in case the junction temperature reaches the TSHTDWN (+150 °C±10 °C)
temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of
+125
°C, to avoid triggering the thermal shutdown protection during the testing phase due to
self heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com