전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A5975D 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 A5975D
상세설명  Voltage feed-forward
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5975D 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button A5975D Datasheet HTML 34Page - STMicroelectronics A5975D Datasheet HTML 35Page - STMicroelectronics A5975D Datasheet HTML 36Page - STMicroelectronics A5975D Datasheet HTML 37Page - STMicroelectronics A5975D Datasheet HTML 38Page - STMicroelectronics A5975D Datasheet HTML 39Page - STMicroelectronics A5975D Datasheet HTML 40Page - STMicroelectronics A5975D Datasheet HTML 41Page - STMicroelectronics A5975D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Application information
A5975D
38/50
Doc ID 018760 Rev 1
The switch peak current must be lower than the minimum current limit of the overcurrent
protection (see Table 4 for details) while the average current must be lower than the rated
DC current of the device.
As a consequence, the maximum output current is:
Equation 37
where ISW MAX represents the rated current of the device.
The current capability is reduced by the term (1-D) and so, for example, with a duty cycle of
0.5, and considering an average current through the switch of 3 A, the maximum output
current deliverable to the load is 1.5 A.
Figure 26 below shows the schematic circuit of this topology for a 12 V output voltage and
5 V input.
Figure 26.
Positive buck-boost regulator
8.8
Negative buck-boost regulator
In Figure 27, the circuit schematic for a standard buck-boost topology is shown. The output
voltage is:
Equation 38
where the ideal duty cycle D for the buck-boost converter is:
Equation 39
The considerations given in Section 8.8 for the real duty cycle are still valid here. Also
Equation 35 to 37 can be used to calculate the maximum output current. So, for example,
considering the conversion VIN = 12 V to VOUT = -5 V, ILOAD = 0.5 A:
I
OUT MAX
I
SW MAX
1D
–
()
⋅
≅
AM09693v1
10V
A5975D
4.7
6.8
6
470
ESR>35m
Ω
V
OUT
V
IN
–
D
1D
–
-------------
⋅
=
D
V
–
OUT
V
IN
V
OUT
–
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com