전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AST1S31HF 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AST1S31HF
상세설명  Internal soft-start and enable
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AST1S31HF 데이터시트(HTML) 4 Page - STMicroelectronics

  AST1S31HF Datasheet HTML 1Page - STMicroelectronics AST1S31HF Datasheet HTML 2Page - STMicroelectronics AST1S31HF Datasheet HTML 3Page - STMicroelectronics AST1S31HF Datasheet HTML 4Page - STMicroelectronics AST1S31HF Datasheet HTML 5Page - STMicroelectronics AST1S31HF Datasheet HTML 6Page - STMicroelectronics AST1S31HF Datasheet HTML 7Page - STMicroelectronics AST1S31HF Datasheet HTML 8Page - STMicroelectronics AST1S31HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Pin settings
AST1S31HF
4/33
DocID026968 Rev 2
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Type
Description
1
VINA
Unregulated DC input voltage
2EN
Enable input. With EN higher than 1.5 V the device in ON and with EN
lower than 0.5 V the device is OFF.
3FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.8 V. To have higher regulated voltages an
external resistor divider is required from Vout to the FB pin.
4
AGND
Ground
5PG
Open drain Power Good (POR) pin. It is released (open drain) when the
output voltage is higher than 0.92 * VOUT with a delay of 170 s. If the
output voltage is below 0.92 * VOUT, the POR pin goes to low impedance
immediately.
If not used, it can be left floating or to GND.
6
VINSW
Power input voltage
7
SW
Regulator output switching pin
8
PGND
Power ground
9
ePAD
Exposed pad connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com