| 전자부품 데이터시트 검색엔진 |
|
CT201003AXM 데이터시트(PDF) 1 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
CT201003AXM 데이터시트(HTML) 1 Page - American Accurate Components, Inc. |
|
1 / 3 page ![]() American Accurate Components, Inc. Thin Film Precision Chip Resistors 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 Email: sales@aacix.com 1 SCHEMATIC DIMENSIONS (mm) Wraparound Termination Size L W c d t 0201 0.60 + 0.05 0.30 + 0.05 0.13 + 0.05 0.25+0.05 0.25 + 0.05 0402 1.00 + 0.05 0.5+0.1 -0.05 0.20 + 0.10 0.25+0.05 -0.10 0.35 + 0.05 0603, P 1.60 + 0.10 0.80 + 0.10 0.20 + 0.10 0.30+0.20 -0.10 0.50 + 0.10 0805, P 2.00 + 0.15 1.25 + 0.15 0.40 + 0.25 0.30+0.20 -0.10 0.50 + 0.15 1206, P 3.20 + 0.15 1.60 + 0.15 0.45 + 0.25 0.40+0.20 -0.10 0.60 + 0.15 1210 3.20 + 0.15 2.60 + 0.15 0.50 + 0.30 0.40+0.20 -0.10 0.60 + 0.10 1217 3.00 + 0.20 4.20 + 0.20 0.80 + 0.30 0.80 + 0.25 0.9 max 2010 5.00 + 0.15 2.60 + 0.15 0.50 + 0.30 0.40+0.20 -0.10 0.70 + 0.10 2020 5.08 + 0.20 5.08 + 0.20 0.80 + 0.30 0.80 + 0.30 0.9 max 2045 5.00 + 0.15 11.5+ 0.30 0.80 + 0.30 0.80 + 0.30 0.9 max 2512 6.30 + 0.15 3.10 + 0.15 0.60 + 0.25 0.50 + 0.25 0.60 + 0.10 CONSTRUCTION FIGURE (Wraparound) CONSTRUCTION MATERIALS Item Part Material Resistor Nichrome Thin Film Protective Film Polymide Epoxy Resin Electrode a Grounding Layer Nichrome Thin Film b Electrode Layer Copper Thin Film c Barrier Layer Nickel Plating d Solder Layer Solder Plating (Sn) Substrate Alumina & Marking Epoxy Resin The resistance value is on the front side The production month is on the backside The content of this specification may change without notification 05/15/2015 HOW TO ORDER CT 10 - 1003 B X M Packaging M = Std. Reel O = Cutting Tape TCR (PPM/°°°°C) L = +1 P = +5 Y = +50 M = +2 Q = +10 Z = +100 N = +3 X = +25 Tolerance (%) U=+.01 A=+.05 C=+.25 F=+1 P=+.02 B=+.10 D=+.50 EIA Resistance Value Standard decade values Size 01=2512 05=0402 10=0805 10P=0805P 11=2020 12=2010 13=1217 14=1210 16=0603 16P=0603P 18=1206 18P=1206P 20=0201 Series CT = Lead Free Thin Film Precision Resistors Sn Termination FEATURES High Power Available 0603P 1/8W, 0805P 1/4W, 1206P 1/2W Nichrome Thin Film Resistor Element Anti-Leaching Nickel Barrier Terminations Very Tight Tolerances, as low as ±0.01% Extremely Low TCR, as low as ±1ppm Reference Standard = IEC 60115-8, JIS C 5201-8 |
유사한 부품 번호 - CT201003AXM |
|
유사한 설명 - CT201003AXM |