전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC7212RG 데이터시트(PDF) 25 Page - Vitesse Semiconductor Corporation

부품명 VSC7212RG
상세설명  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VITESSE [Vitesse Semiconductor Corporation]
홈페이지  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG 데이터시트(HTML) 25 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 29Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 25
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 21: Parametric Measurement Information
Serial Input Rise and Fall Time
TTL Input and Output Rise and Fall Time
TTL A.C. Output Load
Receiver Input Eye Diagram Jitter Tolerance Mask
Serial Output Load
Tr
Tf
80%
20%
Tr
Tf
VIH(MIN)
VIL(MAX)
10 pF
Z0 = 50Ω
50
Ω
VDD – 2.0V
Bit Time
Eye Width%
Amplitude
Parametric Test Load Circuit
25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com