| 전자부품 데이터시트 검색엔진 |
|
LD39015M12R 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD39015M12R 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() Maximum ratings LD39015 6/16 DocID14003 Rev 4 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VIN DC input voltage -0.3 to 7 V VOUT DC output voltage - 0.3 to VI + 0.3 V VEN Enable input voltage - 0.3 to VI + 0.3 V IOUT Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 4. Thermal data Symbol Parameter SOT23-5L SOT666 Unit RthJA Thermal resistance junction-ambient 255 132 °C/W RthJC Thermal resistance junction-case 81 56 °C/W |