전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE30CD-TR 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 LE30CD-TR
상세설명  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE30CD-TR 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button LE30CD-TR Datasheet HTML 12Page - STMicroelectronics LE30CD-TR Datasheet HTML 13Page - STMicroelectronics LE30CD-TR Datasheet HTML 14Page - STMicroelectronics LE30CD-TR Datasheet HTML 15Page - STMicroelectronics LE30CD-TR Datasheet HTML 16Page - STMicroelectronics LE30CD-TR Datasheet HTML 17Page - STMicroelectronics LE30CD-TR Datasheet HTML 18Page - STMicroelectronics LE30CD-TR Datasheet HTML 19Page - STMicroelectronics LE30CD-TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Package information
LEXX
16/24
DocID2573 Rev 15
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
6.1
SO-8 package information
Figure 13: SO-8 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24