전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5404 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 VV5404
상세설명  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5404 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button VV5404 Datasheet HTML 15Page - STMicroelectronics VV5404 Datasheet HTML 16Page - STMicroelectronics VV5404 Datasheet HTML 17Page - STMicroelectronics VV5404 Datasheet HTML 18Page - STMicroelectronics VV5404 Datasheet HTML 19Page - STMicroelectronics VV5404 Datasheet HTML 20Page - STMicroelectronics VV5404 Datasheet HTML 21Page - STMicroelectronics VV5404 Datasheet HTML 22Page - STMicroelectronics VV5404 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Figure 10 : Entering and Exiting Low Power Mode.
N
0
1
D[3:0]
CLKI
Frame
Number
SDA
SCL
2
3
4
5
Start of Frame Line for the 1st
frame of valid video data.
Valid Video data.
setup0[0]
LP0-LP1
“Enter Low Power Mode” Command.
LP2
At end of current frame, D[3:0] is set to FH and the VM6404 sensor’s analogue circuitry is powered down.
LP3-LP4
“Exit Low Power Mode” Command. Powers-up analogue circuits and initiates the VM6404 sensor’s 4-frame start-up sequence
LP5-LP6
1 Frame of alternating 9H & 6H data on D[3:0] for the video processor to determine the best sampling phase for the nibble data
(D[3:0]).
LP7-LP8
4 Frames after the “Exit low Power Mode” command, the sensor starts outputing valid video data.
One frame of 9H & 6H data.
FH
FH
9H,6H,9H,6H...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54