| 전자부품 데이터시트 검색엔진 |
|
VSC7927KFRL 데이터시트(PDF) 2 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7927KFRL 데이터시트(HTML) 2 Page - Vitesse Semiconductor Corporation |
|
2 / 12 page ![]() VITESSE SEMICONDUCTOR CORPORATION Preliminary Data Sheet VSC7927 SONET/SDH 2.5Gb/s Laser Diode Driver Page 2 G52201-0, Rev 3.0 04/05/01/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Table 1: Signal Pin Reference Table 2: Mux Select Logic Table Table 3: Absolute Maximum Ratings Table 4: Recommended Operating Conditions NOTES: (1) Lower limit of specification is ambient temperature and upper limit is case temperature. (2) See section “Calculation of the Maximum Case Temperature” for detailed maximum temperature calculations. Signal Type Level # Pins Description DIN, NDIN In ECL 2 Data Input and Data Reference, On-chip 50 Ω Termination MK, NMK Out ECL 2 Data Density Differential Outputs NIOUT Out — 1 Laser Modulation Current Output (Complementary) IOUT Out — 1 Laser Modulation Current Output (to Laser Cathode) VSS Pwr Pwr 2 Negative Voltage Rail GND Pwr Pwr 5 Positive Voltage Rail VIP In DC 1 Modulation Gate Node MIP In DC 1 Modulation Source Node VIB In DC 1 Bias Gate Node MIB In DC 1 Bias Source Node IBIAS Out DC 1 Laser Bias Output (To Laser Cathode) CLK, NCLK In ECL 2 Clock Input and Clock Reference, On-chip 50 Ω Termination DINTERM In DC 1 Data Reference CLKTERM In DC 1 Clock Reference DCC In DC 1 Duty Cycle Control, Leave Floating SEL In DC 1 Clk/Non-clk Data Select Total Pins —— 24 SEL Mode Select VSS Clocked Data In GND Non-clocked Data In N/C Non-clocked Data In Symbol Rating Limit VSS Negative Power Supply Voltage VCC to -6.0V TJ Maximum Junction Temperature -55°C to + 125°C TSTG Storage Temperature -65°C to +150°C Symbol Parameter Min Typ Max Units Conditions GND Positive Voltage Rail — 0 — V VSS Negative Voltage Rail -5.5 -5.2 -4.9 V TCl Operational Temperature(1) -40 — 85(2) °C Power dissipation = 1.3W TJ Junction Temperature —— 125 °C |