전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0382 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 UM0382
상세설명  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 3Page - STMicroelectronics UM0382 Datasheet HTML 4Page - STMicroelectronics UM0382 Datasheet HTML 5Page - STMicroelectronics UM0382 Datasheet HTML 6Page - STMicroelectronics UM0382 Datasheet HTML 7Page - STMicroelectronics UM0382 Datasheet HTML 8Page - STMicroelectronics UM0382 Datasheet HTML 9Page - STMicroelectronics UM0382 Datasheet HTML 10Page - STMicroelectronics UM0382 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
UM0382
Evaluation kit description
7/32
Figure 2.
Top silk-screen for EK3LV02DQ kit
Figure 3.
Board photograph
In order to operate the EK3LV02DQ evaluation kit it is required the installation of a dedicated
driver which is delivered onto the CD accompanying the kit itself together with a GUI
interface which allows a simple interaction with the sensor itself. The steps that must be
followed to install the driver and the SW are described in the following section 2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32