전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1467 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 UM1467
상세설명  Getting started with software and firmware environments for the STM32F4DISCOVERY Kit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1467 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button UM1467 Datasheet HTML 24Page - STMicroelectronics UM1467 Datasheet HTML 25Page - STMicroelectronics UM1467 Datasheet HTML 26Page - STMicroelectronics UM1467 Datasheet HTML 27Page - STMicroelectronics UM1467 Datasheet HTML 28Page - STMicroelectronics UM1467 Datasheet HTML 29Page - STMicroelectronics UM1467 Datasheet HTML 30Page - STMicroelectronics UM1467 Datasheet HTML 31Page - STMicroelectronics UM1467 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
UM1467
Using Atollic TrueSTUDIO®
Doc ID 022172 Rev 1
28/46
8
Using Atollic TrueSTUDIO®
8.1
Building an existing TrueSTUDIO project
1.
Open the TrueSTUDIO®/STM32 product folder and select the Atollic TrueSTUDIO®
STM32 product name. The program launches and asks for the Workspace location.
Figure 36.
TrueSTUDIO workspace launcher dialog box
2.
Browse to select the STM32F4DISCOVERY Demonstration TrueSTUDIO workspace
and click OK to save your settings and to display the Welcome screen. To start using
Atollic TrueSTUDIO®, click Start using TrueSTUDIO.
Figure 37.
Atollic TrueSTUDIO®/STM32 Lite welcome screen
3.
The TrueSTUDIO Discovery workspace contains a demo project for the
STM32F4DISCOVERY kit. To load this project, in the File menu, select Import... to
display the Import dialog box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46