전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1502 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 UM1502
상세설명  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 15Page - STMicroelectronics UM1502 Datasheet HTML 16Page - STMicroelectronics UM1502 Datasheet HTML 17Page - STMicroelectronics UM1502 Datasheet HTML 18Page - STMicroelectronics UM1502 Datasheet HTML 19Page - STMicroelectronics UM1502 Datasheet HTML 20Page - STMicroelectronics UM1502 Datasheet HTML 21Page - STMicroelectronics UM1502 Datasheet HTML 22Page - STMicroelectronics UM1502 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
UM1502
Ordering information
Doc ID 022625 Rev 1
21/23
7
Ordering information
The demonstration board is available through the standard STMicroelectronics ordering
system. The order code is: STEVAL-MKI111V1. The kit includes an assembled
demonstration board screwed to the metal box, the source code in C language, and all
related documentation. The rubber tube to connect the container to the demonstration board
is also included in the kit. The container itself is not included in the kit.
8
References
1.
STM8S103F2 datasheet
2.
LPS331AP datasheet
3.
LD1117 datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23