전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2047 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 UM2047
상세설명  X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2047 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button UM2047 Datasheet HTML 8Page - STMicroelectronics UM2047 Datasheet HTML 9Page - STMicroelectronics UM2047 Datasheet HTML 10Page - STMicroelectronics UM2047 Datasheet HTML 11Page - STMicroelectronics UM2047 Datasheet HTML 12Page - STMicroelectronics UM2047 Datasheet HTML 13Page - STMicroelectronics UM2047 Datasheet HTML 14Page - STMicroelectronics UM2047 Datasheet HTML 15Page - STMicroelectronics UM2047 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Safety
UM2047
14/16
DocID029189 Rev 2
Figure 8. VL53L0X mini PCB flying lead connection to X-NUCLEO-53L0A1 expansion
board
5
Safety
5.1
Electrostatic precaution
Figure 9. Electrostatic logo
You should exercise electrostatic precautions, including using ground straps when using the
X-NUCLEO-53L0A1 expansion board. Failure to prevent electrostatic discharge could
damage the device.
5.2
Laser considerations
The VL53L0X contains a laser emitter and corresponding drive circuitry. The laser output is
designed to remain within Class 1 laser safety limits under all reasonably foreseeable
conditions including single faults in compliance with IEC 60825-1:2014 (third edition). The
laser output will remain within Class 1 limits as long as the STMicroelectronics
recommended device settings are used and the operating conditions specified in the
datasheet are respected. The laser output power must not be increased by any means and
no optics should be used with the intention of focusing the laser beam.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16