전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BOB3H3 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 BOB3H3
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3H3 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  BOB3H3 Datasheet HTML 1Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 2Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 3Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 4Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 5Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 6Page - Bothhand USA, LP. BOB3H3 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20131220A
Page 1 of 7
Isolated DC-DC Converters
BOB3H3 Series -- 3 Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 3.0kVDC
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BOB3-12S0H3
3.3
23
750
14
281
77
820
BOB3-12S1H3
5
0
600
21
333
79
680
BOB3-12S2H3
12
0
250
24
325
81
182
BOB3-12S3H3
15
0
200
25
329
80
100
BOB3-12D1H3
±5
2
±300
21
329
80
330
BOB3-12D2H3
±12
0
±125
27
325
81
82
BOB3-12D3H3
9~18V
Nominal:12Vdc
±15
0
±100
35
329
80
47
BOB3-24S0H3
3.3
23
750
8
138
79
820
BOB3-24S1H3
5
0
600
10
164
80
680
BOB3-24S2H3
12
0
250
12
160
82
182
BOB3-24S3H3
15
0
200
14
162
81
100
BOB3-24D1H3
±5
2
±300
11
164
80
330
BOB3-24D2H3
±12
0
±125
16
160
82
82
BOB3-24D3H3
18~36V
Nominal:24Vdc
±15
0
±100
17
162
81
47
BOB3-48S0H3
3.3
23
750
5
71
77
820
BOB3-48S1H3
5
0
600
7
84
78
680
BOB3-48S2H3
12
0
250
8
82
80
182
BOB3-48S3H3
15
0
200
8
82
80
100
BOB3-48D1H3
±5
2
±300
9
83
79
330
BOB3-48D2H3
±12
0
±125
10
82
80
82
BOB3-48D3H3
36~75V
Nominal:48Vdc
±15
0
±100
12
82
80
47
Description
The BOB3H3 Series are isolated 3W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 24 pin DIP package with industry-standard footprint.
Further features include wide 2 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.
sales@bothhandusa.com
www.bothhandusa.com
Bothhand USA


유사한 부품 번호 - BOB3H3

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BOB3H3-SERIES BOTHHAND-BOB3H3-SERIES Datasheet
925Kb / 7P
Isolated DC-DC Converters
More results

유사한 설명 - BOB3H3

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com