전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BOB3WH3 데이터시트(PDF) 2 Page - Bothhand USA, LP.

부품명 BOB3WH3
상세설명  Isolated DC-DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB3WH3 데이터시트(HTML) 2 Page - Bothhand USA, LP.

  BOB3WH3 Datasheet HTML 1Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 2Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 3Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 4Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 5Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 6Page - Bothhand USA, LP. BOB3WH3 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev:20130812A
Page 2 of 7
Isolated DC-DC Converters
BOB3WH3 Series -- 3 Watt
Input Specifications
Input Voltage
24V nominal input
9-36V
48V nominal input
18-75V
Input filter
Pi Type
Input surge voltage
24V input
50V
(100ms max.)
48V input
100V
Input reflected ripple current
Nominal Vin and full load
72mAp-p typ.
Remote On/Off control
Converter: ON
Open or 3.5V<Vr<12V
Converter: OFF
Short
(4) or 0V<Vr<1.2V
Sourcing current of remote control pin
Nominal Vin
<0.2 mA
Idle input current (at Remote OFF state)
Nominal Vin
<2.5 mA
Start up time
Nominal Vin and constant resistive load
400ms max.
Environmental Specifications
Operating ambient temperature
-40°C to +85°C (with derating)
Maximum case temperature
+100°C
Storage temperature range
-55°C to +105°C
Relative humidity
5% to 95% RH
Temperature coefficient
±0.02% / °C max.
Output Specifications
Output power
3 Watts max.
Voltage accuracy
Full load and nominal Vin
±2%
Minimum load
See table
Line regulation
LL to HL at full load
±0.5%
25% load to full load
Single
±0.5%
Balanced load
Dual
±0.5%
Load Regulation
Unbalanced load 25% to 100% full load
±3%
Ripple and Noise
20MHz bandwidth
60mVp-p max.
3.3Vout models
3.9V
Over voltage protection
5Vout models
6.2V
(Zener Diode Clamp)
12Vout models
15V
15Vout models
18V
Capacitive load
See table
Over load protection
% of full load
120% min.
Short circuit protection
Continuous, automatic recovery
Transient response settling time
50% load step change
1320µs max.
Transient response over shoot
di/dt=0.8A/µs
≤
±5% of Vo
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com