전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM2082 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 UM2082
상세설명  Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2082 데이터시트(HTML) 5 Page - STMicroelectronics

  UM2082 Datasheet HTML 1Page - STMicroelectronics UM2082 Datasheet HTML 2Page - STMicroelectronics UM2082 Datasheet HTML 3Page - STMicroelectronics UM2082 Datasheet HTML 4Page - STMicroelectronics UM2082 Datasheet HTML 5Page - STMicroelectronics UM2082 Datasheet HTML 6Page - STMicroelectronics UM2082 Datasheet HTML 7Page - STMicroelectronics UM2082 Datasheet HTML 8Page - STMicroelectronics UM2082 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UM2082
X-NUCLEO-IHM06A1 board overview
DocID029504 Rev 1
5/14
1
X-NUCLEO-IHM06A1 board overview
The X-NUCLEO-IHM06A1 expansion board for STM32 Nucleo is a low voltage stepper
motor driver covering a wide range of applications.
The key features are:
Low voltage range: 1.8 to 10 V
Microstep adjustment up to the 256th step
Phase current: up to 1.3 ARMS
Current control with adjustable off-time
Full protection overcurrent and short circuit protection
Thermal shutdown
Compatible with Arduino UNO R3 connector
Compatible with STM32 Nucleo boards
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com