전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BOB8 데이터시트(PDF) 1 Page - Bothhand USA, LP.

부품명 BOB8
상세설명  Isolated DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOTHHAND [Bothhand USA, LP.]
홈페이지  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BOB8 데이터시트(HTML) 1 Page - Bothhand USA, LP.

  BOB8 Datasheet HTML 1Page - Bothhand USA, LP. BOB8 Datasheet HTML 2Page - Bothhand USA, LP. BOB8 Datasheet HTML 3Page - Bothhand USA, LP. BOB8 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhand
USA.com
Rev:20100211A
Page 1 of 4
Isolated DC-DC Converters
BOB8 Series -- 8 Watt
Features
Wide 2 : 1 Input Voltage Range(9~18V,18~36V,36~75V)
Remote On/Off
Input / Output Isolation Voltage: 1.5K Vdc
Extended Operating Temperature Range: -40°C to +85°C
Output Short Circuit Protection:
Continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Meet EN55022, Class A (Radiation)
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
24pin DIP Package with Industry-Standard Footprint
Customer Design Available
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(Vdc)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3) (uF)
BOB8-12S0
3.3
82
2000
6.8
733
79
6800
BOB8-12S1
5
62
1500
3.4
791
82
3300
BOB8-12S2
12
0
665
24
812
87
650
BOB8-12S3
15
0
535
24
832
85
400
BOB8-12D1
±5
0
±800
27
865
83
1650
BOB8-12D2
±12
0
±335
31
812
86
160
BOB8-12D3
9~18V
Nominal:12Vdc
±15
0
±265
28
824
86
270
BOB8-24S0
3.3
88
2000
3.6
366
79
6800
BOB8-24S1
5
20
1500
9.3
405
83
3300
BOB8-24S2
12
0
665
14
432
85
440
BOB8-24S3
15
0
535
15
416
85
280
BOB8-24D1
±5
0
±800
14
427
83
1650
BOB8-24D2
±12
0
±335
17
411
86
170
BOB8-24D3
18~36V
Nominal:24Vdc
±15
0
±265
17
407
87
180
BOB8-48S0
3.3
72
2000
2
183
80
6800
BOB8-48S1
5
0
1500
5
200
83
3300
BOB8-48S2
12
0
665
7
205
86
400
BOB8-48S3
15
0
535
7
203
86
200
BOB8-48D1
±5
0
±800
6
213
83
1750
BOB8-48D2
±12
0
±335
7
205
86
120
BOB8-48D3
36~75V
Nominal:48Vdc
±15
0
±265
8
203
87
250
Description
The BOB8 Series are isolated 8W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C in
a 24 pin DIP package with industry-standard footprint.
Further features include wide 2 : 1 input voltage range,
remote on/off control, short-circuit protection and over
voltage protection.
Applications
These converters are well suitable for battery operated
equipment, measurement equipment, telecom, wireless
network, Industry control system, everywhere where
isolated, tightly regulated voltages and compact size are
required.


유사한 부품 번호 - BOB8

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
BOB8-24D1W BOTHHAND-BOB8-24D1W Datasheet
1Mb / 4P
Isolated DC-DC Converters
BOB8-24D1W BOTHHAND-BOB8-24D1W Datasheet
1Mb / 4P
Isolated DC-DC Converters
BOB8-24D2W BOTHHAND-BOB8-24D2W Datasheet
1Mb / 4P
Isolated DC-DC Converters
BOB8-24D2W BOTHHAND-BOB8-24D2W Datasheet
1Mb / 4P
Isolated DC-DC Converters
BOB8-24D3W BOTHHAND-BOB8-24D3W Datasheet
1Mb / 4P
Isolated DC-DC Converters
More results

유사한 설명 - BOB8

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
0RCN-70S10L BEL-0RCN-70S10L Datasheet
101Kb / 3P
ISOLATED DC/DC CONVERTERS
0RCR-15T08X BEL-0RCR-15T08X Datasheet
122Kb / 5P
ISOLATED DC/DC CONVERTERS
07CM-38S BEL-07CM-38S_08 Datasheet
131Kb / 5P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRYB-40T03X BEL-VRYB-40T03X Datasheet
147Kb / 6P
ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
ISOLATED DC/DC CONVERTERS
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com