| 전자부품 데이터시트 검색엔진 |
|
UM2095 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2095 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() UM2095 Hardware and software requirements DocID029570 Rev 1 5/11 1 Hardware and software requirements To use the STM32 Nucleo development boards with the X-NUCLEO-IHM11M1 expansion board, the following software and hardware specifications are required: a Windows PC (XP, Vista 7 , Win 8, Win 10 ) to install the software package an X-NUCLEO-IHM11M1 expansion board an STM32 Nucleo development board (NUCLEO-F401RE, NUCLEO-F334R8, NUCLEO-F030R8 or NUCLEO-L053R8) a type A USB to mini-B USB cable to connect the STM32 Nucleo board to the PC the X-CUBE-SPN7 software package (available on www.st.com) an IDE chosen among IAR Embedded Workbench for ARM (EWARM), Keil microcontroller development kit (MDK-ARM) and system workbench for STM32 Nucleo project three-phase brushless DC motor with compatible voltage and current for STSPIN230 driver an external power supply or battery able to provide the voltage required by the stepper motor used |