| 전자부품 데이터시트 검색엔진 |
|
SPC564L54x 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 165 page ![]() DocID15457 Rev 12 61/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 D17 G[3] SIUL GPIO[99] GPIO[99] FlexPWM_0 A[2] A[2] eTimer_0 — ETC[4] E1 MDO0 — E2 F[6] SIUL GPIO[86] GPIO[86] NPC MDO[1] — E3 D[1] SIUL GPIO[49] GPIO[49] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — FlexRay — CA_RX E4 NMI — E14 Not connected — E15 C[14] SIUL GPIO[46] GPIO[46] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — E16 G[2] SIUL GPIO[98] GPIO[98] FlexPWM_0 X[2] X[2] DSPI_1 CS1 — E17 I[3] SIUL GPIO[131] GPIO[131] eTimer_2 ETC[3] ETC[3] DSPI_0 CS7 — CTU_0 EXT_TGR — FlexPWM_1 — FAULT[3] F1 H[1] SIUL GPIO[113] GPIO[113] NPC MDO[6] — F2 G[12] SIUL GPIO[108] GPIO[108] NPC MDO[11] — F3 A[7] SIUL GPIO[7] GPIO[7] DSPI_1 SOUT — SIUL — EIRQ[7] F4 A[8] SIUL GPIO[8] GPIO[8] DSPI_1 — SIN SIUL — EIRQ[8] F6 VDD_LV_CORE_RING — F7 VDD_LV_CORE_RING — Table 5. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |