전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPC563M64L5 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 SPC563M64L5
상세설명  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 31Page - STMicroelectronics SPC563M64L5 Datasheet HTML 32Page - STMicroelectronics SPC563M64L5 Datasheet HTML 33Page - STMicroelectronics SPC563M64L5 Datasheet HTML 34Page - STMicroelectronics SPC563M64L5 Datasheet HTML 35Page - STMicroelectronics SPC563M64L5 Datasheet HTML 36Page - STMicroelectronics SPC563M64L5 Datasheet HTML 37Page - STMicroelectronics SPC563M64L5 Datasheet HTML 38Page - STMicroelectronics SPC563M64L5 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
SPC563Mxx
Device overview
Doc ID 13850 Rev 6
35/48
The DSPIs also support these features unique to the DSI and CSI configurations:
●
2 sources of the serialized data:
–
eTPU_A and eMIOS output channels
–
Memory-mapped register in the DSPI
●
Destinations for the deserialized data:
–
eTPU_A and eMIOS input channels
–
SIU External Interrupt Request inputs
–
Memory-mapped register in the DSPI
●
Deserialized data is provided as Parallel Output signals and as bits in a memory-
mapped register
●
Transfer initiation conditions:
–
Continuous
–
Edge sensitive hardware trigger
–
Change in data
●
Pin serialization/deserialization with interleaved SPI frames for control and diagnostics
●
Continuous serial communications clock
●
Support for parallel and serial chaining of up to four DSPI blocks
3.3.16
eSCI
The enhanced Serial Communications Interface (eSCI) allows asynchronous serial
communications with peripheral devices and other MCUs. It includes special support to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48