| 전자부품 데이터시트 검색엔진 |
|
ST7MC1K2-Auto 데이터시트(PDF) 244 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto 데이터시트(HTML) 244 Page - STMicroelectronics |
|
244 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) On-chip peripherals ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 244/371 Figure 110. PWM application in voltage or current sensorless mode (see Table 133) Step OS2 PWM behavior after C 0 1 High channels Low channels 1 0 Demagnetization 000 Low 001 High Low 010 011 High Low High Low 100 101 110 111 High 0 1 0 1 0 1 0 1 0 1 0 1 and before D OS1 PWM behavior after D 0 1 High channels Low channels and before Z OS0 PWM behavior after Z 0 1 High channels Low channels and before next C Demagnetization Demagnetization Wait Z event Delay High Low High Low OS2 OS1 OS0 0 1 High Low 0 1 High Low Obsolete Product(s) - Obsolete Product(s) |