| 전자부품 데이터시트 검색엔진 |
|
ST7MC1K6-Auto 데이터시트(PDF) 310 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K6-Auto 데이터시트(HTML) 310 Page - STMicroelectronics |
|
310 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Instruction set ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 310/371 Table 185. Instruction set overview Mnemo Description Function/example Dst Src I1 H I0 N Z C ADC Add with carry A = A + M + C A M H N Z C ADD Addition A = A + M A M H N Z C AND Logical and A = A . M A M N Z BCP Bit compare A, memory tst (A . M) A M N Z BRES Bit reset bres Byte, #3 M BSET Bit set bset Byte, #3 M BTJF Jump if bit is false (0) btjf Byte, #3, Jmp1 M C BTJT Jump if bit is true (1) btjt Byte, #3, Jmp1 M C CALL Call subroutine CALLR Call subroutine relative CLR Clear reg, M 0 1 CP Arithmetic compare tst(Reg - M) reg M N Z C CPL One complement A = FFH-A reg, M N Z 1 DEC Decrement dec Y reg, M N Z HALT Halt 1 0 IRET Interrupt routine return Pop CC, A, X, PC I1 H I0 N Z C INC Increment inc X reg, M N Z JP Absolute jump jp [TBL.w] JRA Jump relative always JRT Jump relative JRF Never jump jrf * JRIH Jump if ext. INT pin = 1 (ext. INT pin high) JRIL Jump if ext. INT pin = 0 (ext. INT pin low) JRH Jump if H = 1 H = 1 ? JRNH Jump if H = 0 H = 0 ? JRM Jump if I1:0 = 11 I1:0 = 11 ? JRNM Jump if I1:0 <> 11 I1:0 <> 11 ? JRMI Jump if N = 1 (minus) N = 1 ? JRPL Jump if N = 0 (plus) N = 0 ? JREQ Jump if Z = 1 (equal) Z = 1 ? JRNE Jump if Z = 0 (not equal) Z = 0 ? JRC Jump if C = 1 C = 1 ? JRNC Jump if C = 0 C = 0 ? JRULT Jump if C = 1 Unsigned < JRUGE Jump if C = 0 Jmp if unsigned >= Obsolete Product(s) - Obsolete Product(s) |