전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7MC1K6-Auto 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 ST7MC1K6-Auto
상세설명  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K6-Auto 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button ST7MC1K6-Auto Datasheet HTML 38Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 39Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 40Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 41Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 42Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 43Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 44Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 45Page - STMicroelectronics ST7MC1K6-Auto Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto,
42/371
6
Supply, reset and clock management
6.1
Introduction
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. An overview is shown in Figure 9.
For more details, refer to dedicated parametric section.
6.2
Main features
Reset sequence manager (RSM)
1 crystal/ceramic resonator oscillator
System integrity management (SI)
Main supply low voltage detection (LVD)
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply
Clock security system (CSS) with the VCO of the PLL, providing a backup safe
oscillator
Clock detector
PLL which can be used to multiply the frequency by 2 if the clock frequency input
is 8MHz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More