| 전자부품 데이터시트 검색엔진 |
|
ST10F296E 데이터시트(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296E 데이터시트(HTML) 122 Page - STMicroelectronics |
|
122 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Parallel ports ST10F296E 122/346 PICON register XPICON register PICON (F1C4h/E2h) ESFR Reset value: --00h 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved P8 LIN P7 LIN P6 LIN P4 LIN P3 HIN P3 LIN P2 HIN P2 LIN - RW RW RW RW RW RW RW RW Table 61. PICON register description Bit Bit name Function 15-8 - Reserved 7, 6, 5, 4, 2, 0 PxLIN Port x low byte input level selection 0: Pins Px.7 to Px.0 switch on standard TTL input levels 1: Pins Px.7 to Px.0 switch on standard CMOS input levels 3, 1 PxHIN Port x high byte input level selection 0: Pins Px.15 to Px.8 switch on standard TTL input levels 1: Pins Px.15 to Px.8 switch on standard CMOS input levels XPICON (EB26h) XBus Reset value: --00h 15 14 13 12 11 10 987 65432 10 Reserved P5 HIN P5 LIN P1 HIN P1 LIN P0 HIN P0 LIN - RWRWRWRW RWRW Table 62. XPICON register description Bit Bit name Function 15-6 - Reserved 5, 3, 1 PxHIN Port x high byte input level selection 0: Pins Px.15 to Px.8 switch on standard TTL input levels 1: Pins Px.15 to Px.8 switch on standard CMOS input levels 4, 2, 0 PxLIN Port x low byte input level selection 0: Pins Px.7 to Px.0 switch on standard TTL input levels 1: Pins Px.7 to Px.0 switch on standard CMOS input levels Obsolete Product(s) - Obsolete Product(s) |