전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F296TR 데이터시트(PDF) 136 Page - STMicroelectronics

부품명 ST10F296TR
상세설명  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR 데이터시트(HTML) 136 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 132Page - STMicroelectronics ST10F296TR Datasheet HTML 133Page - STMicroelectronics ST10F296TR Datasheet HTML 134Page - STMicroelectronics ST10F296TR Datasheet HTML 135Page - STMicroelectronics ST10F296TR Datasheet HTML 136Page - STMicroelectronics ST10F296TR Datasheet HTML 137Page - STMicroelectronics ST10F296TR Datasheet HTML 138Page - STMicroelectronics ST10F296TR Datasheet HTML 139Page - STMicroelectronics ST10F296TR Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
136/346
Figure 37.
Block diagram of a Port 2 pin
Open-drain
latch
Write ODP2.y
Read ODP2.y
Direction
latch
Write DP2.y
Read DP2.y
MUX
0
1
Alternate data input
Input
latch
Clock
P2.y
CCyIO
Output
buffer
x = 7 to 0
Alternate
data
output
MUX
0
1
Output
latch
≥ 1
Write Port P2.y
compare trigger
Read P2.y
Fast external interrupt input
y = 15 to 0
EXxIN
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More