전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F296TR 데이터시트(PDF) 239 Page - STMicroelectronics

부품명 ST10F296TR
상세설명  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR 데이터시트(HTML) 239 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 235Page - STMicroelectronics ST10F296TR Datasheet HTML 236Page - STMicroelectronics ST10F296TR Datasheet HTML 237Page - STMicroelectronics ST10F296TR Datasheet HTML 238Page - STMicroelectronics ST10F296TR Datasheet HTML 239Page - STMicroelectronics ST10F296TR Datasheet HTML 240Page - STMicroelectronics ST10F296TR Datasheet HTML 241Page - STMicroelectronics ST10F296TR Datasheet HTML 242Page - STMicroelectronics ST10F296TR Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
System reset
239/346
Figure 92.
Port 0 bits latched into the different registers after reset
RP0H
Clock
Port 4
logic
Port 6
logic
SYSCON
BUSCON0
Internal control logic
76
2
P0L.7
P0L.7
7
9
Port 0
Bootstrap loader
generator
10
9
EA/VSTBY
10
BTYP
ALE
CTLO
BUS
ACTO
WR
CFG
BYT
DIS
RO
MEN
CKLKCFG
SALSEL
CSSEL
WRC
H.7
H.6
H.5
H.4
H.3
H.2
H.1
H.0
L.7
L.6
L.5
L.4
L.3
L.2
L.1
L.0
CKLKCFG
SALSEL
CSSEL
WRC
BUSTYP
BSL
Reserved
ADP EMU
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More