| 전자부품 데이터시트 검색엔진 |
|
ST10F296TR 데이터시트(PDF) 341 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296TR 데이터시트(HTML) 341 Page - STMicroelectronics |
|
341 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Electrical characteristics 341/346 Figure 120. SSC slave timing 1. The phase and polarity of the shift and latch edges of SCLK are programmable. Figure 120 uses the leading clock edge as the shift edge with the latch on the trailing edge (SSCPH = 0b). The idle clock line is low and the leading clock edge is low-to-high transition (SSCPO = 0b). 2. The bit timing is repeated for all bits that have to be transmitted or received. 1st out bit Last out bit 2nd out bit 2nd in bit 1st in bit Last in bit SCLK MRST MTSR t 315 t 315 t 315 t 316 t 318 t 317 t 317 t 318 t 310 t 311 t 312 t 313 t 314 (1) (2) Obsolete Product(s) - Obsolete Product(s) |