| 전자부품 데이터시트 검색엔진 |
|
ST72321R6-Auto 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 243 page ![]() Interrupts ST72321xx-Auto 60/243 Doc ID 13829 Rev 1 Table 22. Interrupt sensitivity - ei2 (port B3..0) IS11 IS10 External interrupt sensitivity IPB bit = 0 IPB bit = 1 0 0 Falling edge and low level Rising edge and high level 0 1 Rising edge only Falling edge only 1 0 Falling edge only Rising edge only 1 1 Rising and falling edge Table 23. Interrupt sensitivity - ei3 (port B7..4) IS11 IS10 External interrupt sensitivity 0 0 Falling edge and low level 0 1 Rising edge only 1 0 Falling edge only 1 1 Rising and falling edge Table 24. Interrupt sensitivity - ei0 (port A3..0) IS21 IS20 External interrupt sensitivity IPA bit = 0 IPA bit = 1 0 0 Falling edge and low level Rising edge and high level 0 1 Rising edge only Falling edge only 1 0 Falling edge only Rising edge only 1 1 Rising and falling edge Table 25. Interrupt sensitivity - ei1 (port F2..0) IS21 IS20 External interrupt sensitivity 0 0 Falling edge and low level 0 1 Rising edge only 1 0 Falling edge only 1 1 Rising and falling edge |