| 전자부품 데이터시트 검색엔진 |
|
ST72321R6-Auto 데이터시트(PDF) 213 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto 데이터시트(HTML) 213 Page - STMicroelectronics |
|
213 / 243 page ![]() ST72321xx-Auto Electrical characteristics Doc ID 13829 Rev 1 213/243 Figure 95. SPI master timing diagram(1) 1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD. 2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has its alternate function capability released. In this case, the pin status depends of the I/O port configuration. SS INPUT CPHA = 0 MOSI OUTPUT MISO INPUT CPHA = 0 CPHA = 1 CPHA = 1 tc(SCK) tw(SCKH) tw(SCKL) th(MI) tsu(MI) MSB IN MSB OUT BIT6 IN BIT6 OUT LSB OUT LSB IN See note 2 See note 2 CPOL = 0 CPOL = 1 CPOL = 0 CPOL = 1 tr(SCK) tf(SCK) th(MO) tv(MO) |