| 전자부품 데이터시트 검색엔진 |
|
ST72321R6-Auto 데이터시트(PDF) 227 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R6-Auto 데이터시트(HTML) 227 Page - STMicroelectronics |
|
227 / 243 page ![]() ST72321xx-Auto Device configuration and ordering information Doc ID 13829 Rev 1 227/243 21.2 ROM device ordering information and transfer of customer code Customer code is made up of the ROM/FASTROM contents and the list of the selected options (if any). The ROM/FASTROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the development tool. All unused bytes must be set to FFh. Complete the appended Option list on page 230 to communicate the selected options to STMicroelectronics and check for regular updates of the option list on the ST website or ask your ST representative. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The following Figure 106 and Figure 107 serve as guides for ordering. The STMicroelectronics Sales Organization will be pleased to provide detailed information on contractual points. Caution: The Readout Protection binary value is inverted between ROM and Flash products. The option byte checksum will differ between ROM and Flash. |