전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72321R6-Auto 데이터시트(PDF) 236 Page - STMicroelectronics

부품명 ST72321R6-Auto
상세설명  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto 데이터시트(HTML) 236 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 232Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 233Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 234Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 235Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 236Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 237Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 238Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 239Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 243 page
background image
Known limitations
ST72321xx-Auto
236/243
Doc ID 13829 Rev 1
; check the semaphore status if edge is detected
CP A,#01
jrne OUT
call call_routine
; call the interrupt routine
OUT:LD A,#00
LD sema,A
.call_routine
; entry to call_routine
PUSH A
PUSH X
PUSH CC
.ext1_rt
; entry to interrupt routine
LD A,#00
LD sema,A
IRET
Case 2: Writing to PxOR or PxDDR with global interrupts disabled:
SIM
; set the interrupt mask
LD A,PFDR
AND A,#$02
LD
X,A
; store the level before writing to PxOR/PxDDR
LD A,#$90
LD PFDDR,A
; Write into PFDDR
LD A,#$ff
LD PFOR,A
; Write to PFOR
LD A,PFDR
AND A,#$02
LD Y,A
; store the level after writing to PxOR/PxDDR
LD A,X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More