전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST72361K4-Auto 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 ST72361K4-Auto
상세설명  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K4-Auto 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button ST72361K4-Auto Datasheet HTML 48Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 49Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 50Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 51Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 52Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 53Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 54Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 55Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 279 page
background image
Interrupts
ST72361xx-Auto
52/279
Doc ID 12468 Rev 3
Figure 20.
Nested interrupt management
6.5
Interrupt register description
6.5.1
CPU CC register interrupt bits
Read/Write
Reset value: 111x 1010 (xAh)
Bit 5, 3 = I1, I0 Software Interrupt Priority
These two bits indicate the current interrupt software priority.
These two bits are set/cleared by hardware when entering in interrupt. The loaded value is
given by the corresponding bits in the interrupt software priority registers (ISPRx).
They can be also set/cleared by software with the RIM, SIM, HALT, WFI, IRET and
PUSH/POP instructions (see Table 15: Dedicated interrupt instruction set on page 55).
MAIN
IT2
TLI
MAIN
IT0
3
2
1
3
3
3/0
3
11
00
01
11
11
11
RIM
IT1
IT4
IT4
IT1
IT2
IT3
I1
I0
11 / 10
10
SOFTWARE
PRIORITY
LEVEL
7
0
11
I1
H
I0
N
Z
C
Table 13.
Interrupt software priority levels
Interrupt software priority
Level
I1
I0
Level 0 (main)
Low
High
10
Level 1
0
1
Level 2
0
Level 3 (= interrupt disable(1))
1.
TLI, TRAP and RESET events can interrupt a level 3 program.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More