| 전자부품 데이터시트 검색엔진 |
|
ST72361J6-Auto 데이터시트(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J6-Auto 데이터시트(HTML) 88 Page - STMicroelectronics |
|
88 / 279 page ![]() Main clock controller with real time clock MCC/RTC ST72361xx-Auto 88/279 Doc ID 12468 Rev 3 10.4 Low power modes 10.5 Interrupts The MCC/RTC interrupt event generates an interrupt if the OIE bit of the MCCSR register is set and the interrupt mask in the CC register is not active (RIM instruction). Note: The MCC/RTC interrupt wakes up the MCU from ACTIVE HALT mode, not from HALT or AWUF HALT mode. 10.6 Register description 10.6.1 MCC control/status register (MCCSR) Read/Write Reset value: 0000 0000 (00h) Bit 7 = MCO Main clock out selection This bit enables the MCO alternate function on the corresponding I/O port. It is set and cleared by software. 0: MCO alternate function disabled (I/O pin free for general-purpose I/O) 1: MCO alternate function enabled (fOSC2 on I/O port) Bits 6:5 = CP[1:0] CPU clock prescaler These bits select the CPU clock prescaler which is applied in the different slow modes. Their action is conditioned by the setting of the SMS bit. These two bits are set and cleared by software Table 38. Effect of low power modes on MCC/RTC Mode Description WAIT No effect on MCC/RTC peripheral. MCC/RTC interrupt cause the device to exit from WAIT mode. ACTIVE HALT No effect on MCC/RTC counter (OIE bit is set), the registers are frozen. MCC/RTC interrupt cause the device to exit from ACTIVE HALT mode. HALT and AWUF HALT MCC/RTC counter and registers are frozen. MCC/RTC operation resumes when the MCU is woken up by an interrupt with “exit from HALT” capability. Table 39. MCC/RTC Interrupt control wake-up capability Interrupt event Event flag Enable control bit Exit from wait Exit from halt Time base overflow event OIF OIE Yes No1) 7 0 MCO CP1 CP0 SMS TB1 TB0 OIE OIF |