| 전자부품 데이터시트 검색엔진 |
|
ST72561K7-Auto 데이터시트(PDF) 317 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561K7-Auto 데이터시트(HTML) 317 Page - STMicroelectronics |
|
317 / 324 page ![]() ST72561-Auto Important notes Doc ID 12370 Rev 8 317/324 LD A, PFDR AND A, #02 LD Y, A; store the level after writing to PxOR/PxDDR LD A, X; check for falling edge cp A, #02 jrne OUT TNZ Y jrne OUT LD A, sema; check the semaphore status if edge is detected CP A, #01 jrne OUT call call_routine; call the interrupt routine OUT:LD A,#00 LD sema, A .call_routine; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt; entry to interrupt routine LD A, #00 LD sema, A IRET Case 2: writing to PxOR or PxDDR with global interrupts disabled: SIM; set the interrupt mask LD A, PFDR AND A, #$02 LD X, A; store the level before writing to PxOR/PxDDR LD A, #$90 LD PFDDR, A; write into PFDDR LD A, #$ff LD PFOR, A; write to PFOR LD A, PFDR AND A, #$02 LD Y, A; store the level after writing to PxOR/PxDDR LD A, X; check for falling edge cp A, #$02 jrne OUT TNZ Y jrne OUT LD A, #$01 LD sema, A; set the semaphore to '1' if edge is detected RIM; reset the interrupt mask LD A, sema; check the semaphore status CP A, #$01 jrne OUT call call_routine; call the interrupt routine RIM OUT:RIM JP while_loop .call_routine; entry to call_routine PUSH A PUSH X |