| 전자부품 데이터시트 검색엔진 |
|
ST72361AR9-Auto 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR9-Auto 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 279 page ![]() Power saving modes ST72361xx-Auto 64/279 Doc ID 12468 Rev 3 system is enabled, can generate a Watchdog RESET (see Section 22.1: Introduction for more details). Figure 25. HALT timing overview Figure 26. HALT mode flow-chart Note: 1 WDGHALT is an option bit. See option byte section for more details. 2 Peripheral clocked with an external clock source can still be active. 3 Only some specific interrupts can exit the MCU from HALT mode (such as external interrupt). Refer to Table 16 for more details. 4 Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are set to the current software priority level of the interrupt routine and recovered when the CC register is popped. HALT RUN RUN 256 OR 4096 CPU CYCLE DELAY RESET OR INTERRUPT HALT INSTRUCTION FETCH VECTOR [MCCSR.OIE=0] RESET INTERRUPT 3) Y N N Y CPU OSCILLATOR PERIPHERALS 2) I[1:0] BITS OFF OFF 10 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON OFF XX 4) ON CPU OSCILLATOR PERIPHERALS I[1:0] BITS ON ON XX 4) ON 256 OR 4096 CPU CLOCK DELAY WATCHDOG ENABLE DISABLE WDGHALT 1) 0 WATCHDOG RESET 1 CYCLE HALT INSTRUCTION (MCCSR.OIE=0) (AWUCSR.AWUEN=0) |