| 전자부품 데이터시트 검색엔진 |
|
STM8L151x8 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 146 page ![]() Pin description STM8L151x6/8 STM8L152x6/8 32/146 DocID17943 Rev 10 70 58 - - PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5/ [COMP2_INM] / [COMP1_INP] I/O FT(6) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 / [Comparator 2 negative input] /[Comparator 1 input positive] 71 59 - - PC4/USART1_CK/ I2C1_SMB/ [CCO](2)/ LCD_SEG24(3)/ ADC1_IN4/[COMP2_INM] /[COMP1_INP] I/O FT(6) X XX HS X X Port C4 USART1 synchronous clock / I2C1_SMB / [Configurable clock output] / LCD segment 24 / ADC1_IN4 / [Comparator 2 negative input] / [Comparator 1 positive input] -- 43 C2 PC4/USART1_CK/ I2C1_SMB/[CCO](2)/ LCD_SEG24(3)/ADC1_IN4/ [COMP2_INM] / [COMP1_INP] / [LCD_COM4] I/O FT(6) X XX HS X X Port C4 USART1 synchronous clock / I2C1_SMB / [Configurable clock output] / LCD segment 24 / ADC1_IN4 / [Comparator 2 negative input] / [Comparator 1 positive input] / [LCD_COM4](3) 72 60 44 A3 PC5/OSC32_IN /[SPI1_NSS](2)/ [USART1_TX](2) I/O FT(6) X XX HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] 73 61 45 B3 PC6/OSC32_OUT/ [SPI1_SCK](2)/ [USART1_RX](2) I/O FT(6) X XX HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] 74 62 - - PC7/LCD_SEG25(3)/ ADC1_IN3/[COMP2_INM] / [COMP1_INP] I/O FT(6) X XX HS X X Port C7 LCD segment 25 /ADC1_IN3/ [Comparator 2 negative input] / [Comparator 1 positive input] Table 5. High-density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |