전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F102xx 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STM32F102xx
상세설명  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx 데이터시트(HTML) 2 Page - STMicroelectronics

  STM32F102xx Datasheet HTML 1Page - STMicroelectronics STM32F102xx Datasheet HTML 2Page - STMicroelectronics STM32F102xx Datasheet HTML 3Page - STMicroelectronics STM32F102xx Datasheet HTML 4Page - STMicroelectronics STM32F102xx Datasheet HTML 5Page - STMicroelectronics STM32F102xx Datasheet HTML 6Page - STMicroelectronics STM32F102xx Datasheet HTML 7Page - STMicroelectronics STM32F102xx Datasheet HTML 8Page - STMicroelectronics STM32F102xx Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Contents
STM32F10xx8 STM32F10xxB
2/41
DocID14574 Rev 13
Contents
1
ARM® 32-bit Cortex®-M3 limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
1.1
Cortex-M3 limitations description for STM32F10xxx medium-
density devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.1.1
Cortex-M3 LDRD with base in list may result in incorrect base register
when interrupted or faulted . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.1.2
Cortex-M3 event register is not set by interrupts and debug . . . . . . . . . . 8
1.1.3
Cortex-M3 BKPT in debug monitor mode can cause DFSR mismatch . . 8
1.1.4
Cortex-M3 may freeze for SLEEPONEXIT single instruction ISR . . . . . . 9
1.1.5
Interrupted loads to SP can cause erroneous behavior . . . . . . . . . . . . . . 9
1.1.6
SVC and BusFault/MemManage may occur out of order . . . . . . . . . . . 10
2
STM32F10xx8 and STM32F10xxB silicon limitations . . . . . . . . . . . . . 11
2.1
Voltage glitch on ADC input 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2.2
Flash memory read after WFI/WFE instruction . . . . . . . . . . . . . . . . . . . . 13
2.3
Debug registers cannot be read by user software . . . . . . . . . . . . . . . . . . 13
2.4
Debugging Stop mode and system tick timer . . . . . . . . . . . . . . . . . . . . . . 14
2.5
Debugging Stop mode with WFE entry . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2.6
Wakeup sequence from Standby mode when using more
than one wakeup source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2.7
LSE start-up in harsh environments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2.8
Alternate function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.8.1
USART1_RTS and CAN_TX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2.8.2
SPI1 in slave mode and USART2 in synchronous mode . . . . . . . . . . . . 16
2.8.3
SPI1 in master mode and USART2 in synchronous mode . . . . . . . . . . 16
2.8.4
SPI2 in slave mode and USART3 in synchronous mode . . . . . . . . . . . . 17
2.8.5
SPI2 in master mode and USART3 in synchronous mode . . . . . . . . . . 17
2.8.6
I2C2 with SPI2 and USART3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
2.8.7
I2C1 with SPI1 remapped and used in master mode . . . . . . . . . . . . . . 18
2.8.8
I2C1 and TIM3_CH2 remapped . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2.8.9
USARTx_TX pin usage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2.9
PVD and USB wakeup events . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
2.10
Compatibility issue with latest compiler releases . . . . . . . . . . . . . . . . . . . 19
2.11
Boundary scan TAP: wrong pattern sent out after the
“capture IR” state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41