| 전자부품 데이터시트 검색엔진 |
|
STM32F042F4 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042F4 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 117 page ![]() DocID025832 Rev 5 41/117 STM32F042x4 STM32F042x6 Memory mapping 41 APB 0x4000 7C00 - 0x4000 7FFF 1 KB Reserved 0x4000 7800 - 0x4000 7BFF 1 KB CEC 0x4000 7400 - 0x4000 77FF 1 KB Reserved 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 6C00 - 0x4000 6FFF 1 KB CRS 0x4000 6800 - 0x4000 6BFF0 1 KB Reserved 0x4000 6400 - 0x4000 67FF 1 KB BxCAN 0x4000 6000 - 0x4000 63FF 1 KB USB/CAN RAM 0x4000 5C00 - 0x4000 5FFF 1 KB USB 0x4000 5800 - 0x4000 5BFF 1 KB Reserved 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 4800 - 0x4000 53FF 3 KB Reserved 0x4000 4400 - 0x4000 47FF 1 KB USART2 0x4000 3C00 - 0x4000 43FF 2 KB Reserved 0x4000 3800 - 0x4000 3BFF 1 KB SPI2 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB Reserved 0x4000 2000 - 0x4000 23FF 1 KB TIM14 0x4000 0800 - 0x4000 1FFF 6 KB Reserved 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB TIM2 Table 17. STM32F042x4/x6 peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |