| 전자부품 데이터시트 검색엔진 |
|
STM32F072VB 데이터시트(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072VB 데이터시트(HTML) 35 Page - STMicroelectronics |
|
35 / 128 page ![]() DocID025004 Rev 5 35/128 STM32F072x8 STM32F072xB Pinouts and pin descriptions 40 M2 24 H2 15 11 G7 PA1 I/O TTa - USART2_RTS, TIM2_CH2, TIM15_CH1N, TSC_G1_IO2, USART4_RX, EVENTOUT ADC_IN1, COMP1_INP K3 25 F3 16 12 E5 PA2 I/O TTa - USART2_TX, COMP2_OUT, TIM2_CH3, TIM15_CH1, TSC_G1_IO3 ADC_IN2, COMP2_INM6, WKUP4 L3 26 G3 17 13 E4 PA3 I/O TTa - USART2_RX,TIM2_CH4, TIM15_CH2, TSC_G1_IO4 ADC_IN3, COMP2_INP D3 27 C2 18 - - VSS S - - Ground H3 28 D2 19 - - VDD S - - Digital power supply M3 29 H3 20 14 G6 PA4 I/O TTa - SPI1_NSS, I2S1_WS, TIM14_CH1, TSC_G2_IO1, USART2_CK COMP1_INM4, COMP2_INM4, ADC_IN4, DAC_OUT1 K4 30 F4 21 15 F5 PA5 I/O TTa - SPI1_SCK, I2S1_CK, CEC, TIM2_CH1_ETR, TSC_G2_IO2 COMP1_INM5, COMP2_INM5, ADC_IN5, DAC_OUT2 L4 31 G4 22 16 F4 PA6 I/O TTa - SPI1_MISO, I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT, USART3_CTS ADC_IN6 M4 32 H4 23 17 F3 PA7 I/O TTa - SPI1_MOSI, I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, COMP2_OUT, TSC_G2_IO4, EVENTOUT ADC_IN7 Table 13. STM32F072x8/xB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |