| 전자부품 데이터시트 검색엔진 |
|
STM32F303R6 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303R6 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 115 page ![]() Electrical characteristics STM32F303x6/x8 48/115 DocID025083 Rev 5 Table 18. Current characteristics Symbol Ratings Max. Unit ΣIVDD Total current into sum of all VDD_x power lines (source)(1) 140 mA ΣIVSS Total current out of sum of all VSS_x ground lines (sink)(1) -140 IVDD Maximum current into each VDD_x power line (source)(1) 100 IVSS Maximum current out of each VSS _x ground line (sink)(1) 100 IIO(PIN) Output current sunk by any I/O and control pin 25 Output current source by any I/O and control pin -25 ΣIIO(PIN) Total output current sunk by sum of all I/Os and control pins(2) 80 Total output current sourced by sum of all I/Os and control pins(2) -80 IINJ(PIN) Injected current on TT, FT, FTf and B pins(3) -5 /+0 Injected current on TC and RST pin(4) ±5 Injected current on TTa pins(5) ±5 ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(6) ±25 1. All main power (VDD, VDDA) and ground (VSS and VSSA) pins must always be connected to the external power supply, in the permitted range. 2. This current consumption must be correctly distributed over all I/Os and control pins.The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. 3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum value. 4. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN< VSS. IINJ(PIN) must never be exceeded. Refer to Table 17: Voltage characteristics for the maximum allowed input voltage values. 5. A positive injection is induced by VIN > VDDA while a negative injection is induced by VIN< VSS. IINJ(PIN) must never be exceeded. Refer also to Table 17: Voltage characteristics for the maximum allowed input voltage values. Negative injection disturbs the analog performance of the device. See note 2. below Table 61. 6. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). Table 19. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 150 °C |